PART |
Description |
Maker |
AT83C5103 |
C51 LPC 8-Bit Microcontroller C51的LPC 8位微控制
|
Atmel, Corp.
|
AT83C5123XXX-PUTUM AT83C5123XXX-RARUM AT83C512208 |
C51 Microcontroller with USB and Smart Card Reader Interfaces
|
ATMEL Corporation http://
|
AT89C5131A AT89C5130A-M AT89C5131A-L AT89C5131A-M |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Low Voltage Range Power Supply: 3.0V to ... USB C51-based Microcontroller with 16K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB Microcontrollers
|
ATMEL[ATMEL Corporation]
|
AT83C23OK AT83C22OK |
AT83C22OK/AT83C23OK [Updated 5/03. 2 Pages] AT83C22OK/AT83C23OK [更新5日2页] AT83C22OK is based on Atmel C51 MCU and include OMNIKEYfirmware. This single-chip turnkey solutions can be quickly and easily integrated into any USB smart card peripheral. AT83C23OK is based on Atmel C51 MCU and include OMNIKEY?firmware. This single-chip turnkey solutions can be quickly and easily integrated into any USB smart card keyboard or peripheral.
|
Jonard Industries, Corp. Atmel
|
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
AT83C25OK |
AT83C25OK is based on an Atmel C51 MCU and includes OMNIKEY?firmware. It is a single-chip ready-to-use solution that can be quickly and easily integrated into any PCMCIA smart card reader.
|
Atmel
|
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
MB90462P-SH MB90F462P-SH MB90467P-SH MB90V460 MB90 |
16-bit Proprietary Microcontroller 16-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP64 (MB90460 - MB90467) 16-bit Proprietary Microcontroller 16-bit Proprietary Microcontroller 16位微控制器专
|
FUJITSU LTD Fujitsu Limited Fujitsu, Ltd. Fujitsu Media Devices Fujitsu Component Limited.
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
|